PART |
Description |
Maker |
1206D 1206FD 1210UFD 1202D 1202FD 1202UFD 1210D 12 |
200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time 200 V - 1000 V Single Phase Bridge
|
VMI[Voltage Multipliers Inc.] ETC[ETC]
|
1106A 1106FA 1106UFA 1102FA 1102A 1102UFA 1110A 11 |
200 V - 1,000 V Single Phase Bridge 1.4 A - 1.5 A Forward Current 70 ns - 3000 ns Recovery Time 200 V - 1000 V Single Phase Bridge
|
VMI[Voltage Multipliers Inc.] ETC[ETC]
|
1202A 1202FA |
200 V - 1000 V Single Phase Bridge
|
Voltage Multipliers
|
LMB10S-TP LMB2S LMB4S LMB6S LMB8S |
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
|
Micro Commercial Components
|
1110UFA 1102A 1110A 1106A 1110FA 1102FA 1102UFA 11 |
1000 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 200 V - 1,000 V Single Phase Bridge 1000 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time
|
Voltage Multipliers List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
1106FC 1102C 1106C 1102UFC 1102FC 1106UFC 1110UFC |
600 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time
|
Voltage Multipliers
|
1106B 1102UFB 1106FB 1102FB 1102B 1110FB 1110UFB 1 |
600 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time
|
Voltage Multipliers
|
RS603M RS606M RS605M RS604M RS601M RS602M RS607M R |
6 Amp Single Phase Bridge Rectifier 50 to 1000 Volts SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
|
Micro Commercial Components RECTRON[Rectron Semiconductor]
|
MP5005-BP MP501 MP502-BP MP506-B MP5010-BP MP504-B |
50 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Components 天津环球磁卡股份有限公司 Micro Commercial Compon...
|
LTI1406UFT LTI1410UFT LTI1402FT |
600 V single phase bridge 20-25 A forward current, 70 ns recovery time 1000 V single phase bridge 20-25 A forward current, 70 ns recovery time 200 V single phase bridge 20-25 A forward current, 150 ns recovery time
|
Voltage Multipliers
|
MB251W-BP MB254W-BP MB2510W-BP MB2505W-BP MB256W-B |
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts RECT BRIDGE 25A 1000V WIRE LEADS 25 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 http:// Micro Commercial Components, Corp. Micro Commercial Compon...
|
MP508W-BP MP501W-BP |
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Components
|